PART |
Description |
Maker |
PEB22554-HT |
POT 10K OHM 9MM HORZ PLA BUSHING
|
SIEMENS AG
|
AM27S21APC |
1KBIT(256X4)PROM 30NS 16BR PLA 256 X 4 OTPROM, 30 ns, PDIP16
|
Advanced Micro Devices, Inc.
|
CX28394-22 CX28395-18 CX28395-19 CX28394 CX28395 C |
Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 DATACOM, FRAMER, PQFP128 DIODE SWITCHING DUAL ISOLATED 70V 250mA-Io 150mW 4ns-trr SOT-563 3K/REEL POT 5K OHM 12MM VERT PLA BUSHING DIODE SWITCH 75V 200MW SOT323 DIODE SWITCHING SINGLE 70V 250mA-Io 200mW 4ns-trr SOT-323 3K/REEL Quad/x16/OctalT1/E1/J1 Framers Quad/x16/Octal?T1/E1/J1 Framers Quad/x16/Octal-T1/E1/J1 Framers
|
Conexant Systems, Inc.
|
A-70567-0358 15-80-1401 0015801401 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 40 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 40 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
0015800149 15-80-0149 A-70567-0277 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38渭m (15渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38μm (15μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0348 15-80-1201 0015801201 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0346 15-80-1161 0015801161 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 16 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 16 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0344 15-80-1121 0015801121 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
AAT3510 AAT3518 AAT3519 AAT3512 AAT3511 AAT3517 AA |
MicroPower Microprocessor Reset Cicruit with Watchdog Timer MicroPower Microprocessor Reset Circuit with Watchdog Timer Low Power, High Precision Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Voltage-Continuity Tester; Approval Bodies:UL; Voltage Rating:1500V SMT LN X-Y SOIC-20 Miniature Power Relay, 2 Form A, 10A 250VAC 10A 30VDC, 2 Coil Latching HOT STICK LC2MOS ±15 V Quad SPST Switch; Package: PLCC; No of Pins: 20; Temperature Range: Commercial 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: Industrial OSCILLATORS 50PPM -40 85 3.3V 4 9.000MHZ PD HCMOS 2X2.5 4PAD SMD 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial Isolated 2, 3, or 4-Wire RTD Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 128K FLASH HCS12 MCU 9S12C64 (KOI) SMA R/A CRIMP PLUG RG 142,400 RoHS Compliant: Yes 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial Touch Screen Digitizer; Package: QSOP; No of Pins: 16; Temperature Range: Industrial 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial AIGEAS LOW G X-LATERIAL 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial 2.5V to 5.5V, 115µA Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 40-Channel, 16-Bit, Serial Input, Voltage-Output DACs; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial ± 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial PUSHBUTTON, PU, 1POLE, NO, BLUE; Switch function type:SPNO; Voltage, contact DC max:24V; Temp, op. max:65(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Blue; Configuration, contact:NO; Dielectric RoHS Compliant: Yes ± 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ±80°/sec Yaw Rate Gyro with SPI Interface; Package: LGA/CASON/CH ARRY SO NO LD; No of Pins: 16; Temperature Range: Industrial PHASE SEQUENCE & MOTOR ROTATION TESTER RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55, 142, 223, 400; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes RECALIBRATION SERVICE FOR RS-3 AMPROBE Test Analog multimeter Global Limit Switches Series GLS: Top Plunger, 2NC 2NO DPDT Snap Action, 20 mm SMA CRIMP PLUG FOR RD316 CABLE RoHS Compliant: Yes RECALIBRATION SERVICE FOR AMPROBE RS-1007 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Right Angle Adapter, Plug-Jack RoHS Compliant: Yes 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ROCKER SWITCH, DPST, ILLUM RED; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Jack RoHS Compliant: Yes Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD ± 150 deg/sec Angular Rate Sensor; No of Pins: 32; Temperature Range: Industrial RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:174, 316 RoHS Compliant: Yes 40-Channel, 14-Bit, Serial Input, Voltage Output DAC; Package: LQFP (12x12x1.4mm); No of Pins: 80; Temperature Range: Industrial ROCKER SWITCH, DPST, GREY; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Grey Body, Chrome Actuator; Current, contact @ contact RoHS Compliant: Yes Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD RECALIBRATION SERVICE FOR AMPROBE RS-1000 Quad SPDT ±15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD SMA R/A PLUG RD 316 NICKEL PLA RoHS Compliant: Yes LC2MOS Precision Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial Digital Pen Multimeter and Clamp-on Head Adapter, 300 A Capability AC and AC Current ± 15 V /12 V Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD ± 150 deg/sec Angular Rate Sensor; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial SMA R/A PLUG RD 316 GOLD PLATE RoHS Compliant: Yes ROTARY-SCALE AC CLAMP-ON MULTIMETERS VOLT-AMP METERS Power Relay, 3A ±80°/sec Yaw Rate Gyro with SPI Interface; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD SWITCH, SPNO, ROUND, BLACK; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes RESISTOR PACK,10K,10 PIN SIP DIG SLING PSYCHROMETER W/DEW & WET BULB READ SWITCH, SPNO, ROUND, BLUE; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes Temperature, Test, Range -10 To 50 Degree Celsius RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Jack RoHS Compliant: Yes Type-K Temperature Adapter; Calibrated:No SOUND METER HYGROMETER, THERMO; RoHS Compliant: NA COAXIAL INTER SERIES ADAPTOR RoHS Compliant: Yes SMA SLDER CLP PLG RG58 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Receptacle; Series:SMA RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:BNC Jack RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter; Body Plating:Gold; Pack Quantity:1000; Color:Red; Stud Size:#8; Wire Size (AWG):22-18 RoHS Compliant: Yes 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: TBD CAT5E PATCH CABLES SNAGLESS BLACK 25 FT Low Power, 5V CMOS RS-232 100kBPS Transceiver with 2 Drivers/Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial Micropower uP Reset with Watchdog Timer 微功μP 复位和看门狗定时 8-Channel, 14-Bit, Serial Input, Voltage-Output DAC; Package: LQFP (10x10mm); No of Pins: 52; Temperature Range: Industrial 微功耗P复位和看门狗定时 Low Power, 5V CMOS RS-232 Transceiver with 2 Drivers and 2 Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial 微功耗P复位和看门狗定时 Isolated Volt Input; 3 Hz Bandwidth Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗P复位和看门狗定时 Miniature Switch, High Precision 微功耗μP复位和看门狗定时 Programmable Low Power Gyroscope; Package: LGA; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时 Test, Electromagnetic Field 微功耗μP复位和看门狗定时 Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching 微功耗μP复位和看门狗定时 Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching, Reverse Polarity 微功耗μP复位和看门狗定时 32-Channel 14-Bit Serial/Parallel Bipolar D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时 40-Channel 14-Bit Bipolar Voltage-Output D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时 ± 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时 Quad SPDT ±15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD 微功耗μP复位和看门狗定时 Digital Multimeter 微功耗μP复位和看门狗定时 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 ANEMOMETER, REMOTE VANE; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Versatile Miniature Switch, High Performance 微功耗μP复位和看门狗定时 REMCON RELAY SWITCH 微功耗μP复位和看门狗定时 THERMOMETER, DUAL INPUT; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Voltage-Continuity Tester; Approval Bodies:UL 微功耗μP复位和看门狗定时 RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Plug RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时 LC2MOS Precision Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: Industrial 微功耗μP复位和看门狗定时 High-performance Dual Core Processor 微功耗μP复位和看门狗定时 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 微功耗μP复位和看门狗定时 X- AXIS 100G 微功耗μP复位和看门狗定时 2.5V to 5.5V, 115µA Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时 PHASE SEQUENCE & MOTOR ROTATION TESTER 微功耗μP复位和看门狗定时 Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-3/4 微功耗μP复位和看门狗定时 THERMOMETER, IMMERSION; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Low Power, High Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:316DB RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Bead Type-K Thermocouple Probe; Calibrated:No RoHS Compliant: NA 微功耗μP复位和看门狗定时 RF Coaxial Connector Adapter; Convert From:BNC Plug; Convert To:SMA Plug; Body Plating:Nickel; Body Style:Straight RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-5/6 微功耗μP复位和看门狗定时 Isolated Thermocouple Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗μP复位和看门狗定时 Connector Adapter; Convert From:AMC Jack; Convert To:SMA Reverse Polarity Bulkhead Mount Jack; Body Plating:Gold; Insulator Material:PTFE; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 微功耗μP复位和看门狗定时 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ± 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD USB Adapter; Connector Type A:USB; Connector Type B:USB Adapter Cable; Cable Length:6.8" RoHS Compliant: NA Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD
|
ANALOGICTECH[Advanced Analogic Technologies] Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
|